PART |
Description |
Maker |
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
AS7C331MPFS32A-36A_V2.9 AS7C331MPFS36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 32 STANDARD SRAM, 3.5 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 36 STANDARD SRAM, 3.8 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
NJU7201 NJU7201L12 NJU7201L15 NJU7201L25 NJU7201L2 |
3.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 4.096-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 的C - MOS 3 -端子正电压稳压器 5-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 的C - MOS 3 -端子正电压稳压器 3-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 5-SC70 -40 to 85 C-MOS 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PBCY3
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
LM4040A50ILP LM4040A10IDCKR LM4040A10ILP LM4040A10 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
http://
|
NJM2825 NJM2825F |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|
SPX3431N SPX3431 SPX3431AM SPX3431AM1 SPX3431AN SP |
Micropower 2.5V Precision Adjustable Shunt Regulator
|
Sipexoration SIPEX[Sipex Corporation]
|
FAN4050 FAN4050CIS325X FAN4050BIS325X FAN4050CIX25 |
Precision Micropower Shunt Voltage Reference
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
LM4040 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
|
Diodes Incorporated
|
LM4040A20IDBZR LM4040A20IDBZT LM4040A20IDCKR LM404 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
VISAY[Vishay Siliconix]
|
ADR5043AKSZ-REEL ADR5045ARTZ-REEL7 ADR5045AKSZ-REE |
Precision Micropower Shunt Mode Voltage Reference Applications (3.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (5.0 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 5 V, PDSO3 Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SC70; No of Pins: 3; Temperature Range: Industrial 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PDSO3 Precision Micropower Shunt Mode Voltage References Precision Micropower Shunt Mode Voltage Reference Applications (4.096 Vout); Package: SOT-23; No of Pins: 3; Temperature Range: Industrial Precision Micropower Shunt Mode Voltage References
|
Analog Devices, Inc. ANALOG DEVICES INC
|